Part Number Hot Search : 
800R17 BC487B 2SB1383 STR715FR 1J222ME 2SK1215 CD8227 BUZ10L
Product Description
Full Text Search
 

To Download STPS140U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS140
POWER SCHOTTKY RECTIFIER
Table 1: Main Product Characteristics IF(AV) VRRM Tj (max) VF(max) FEATURES AND BENEFITS

1A 40 V 150C 0.5 V SMA (JEDEC DO-214AC) STPS140A SMB (JEDEC DO-214AA) STPS140U
Very small conduction losses Negligible switching losses Low forward voltage drop Surface mount miniature packages Avalanche capability specified
DESCRIPTION Single chip Schottky rectifiers suited to Switched Mode Power Supplies and high frequency DC to DC converters. Packaged in SMA and SMB, this device is especially intended for surface mounting and used in low voltage, high frequency inverters, free wheeling and polarity protection applications. Table 3: Absolute Ratings (limiting values) Symbol Parameter VRRM Repetitive peak reverse voltage IF(RMS) RMS forward voltage IF(AV) IFSM IRRM IRSM PARM Tstg Tj dV/dt Average forward current SMA SMB TL = 130C = 0.5 TL = 135C = 0.5 tp = 10ms sinusoidal tp = 2s F = 1kHz square tp = 100s square tp = 1s Tj = 25C Value 40 7 1 60 1 1 900 -65 to + 150 150 10000 Unit V A A A A A W C C V/s Table 2: Order Codes Part Number STPS140A STPS140U Marking S140 G14
Surge non repetitive forward current Repetitive peak reverse current Non repetitive peak reverse current Repetitive peak avalanche power Storage temperature range
Maximum operating junction temperature * Critical rate of rise of reverse voltage
1 dPtot * : --------------- > ------------------------- thermal runaway condition for a diode on its own heatsink dTj Rth ( j - a )
August 2004
REV. 8
1/7
STPS140
Table 4: Thermal Resistance Symbol Rth(j-l) Junction to lead Parameter SMA SMB Value 30 25 Unit C/W
Table 5: Static Electrical Characteristics Symbol IR * Tests conditions Tj = 25C VR = VRRM Reverse leakage current Tj = 100C Tj = 25C VF ** Forward voltage drop Tj = 125C Tj = 25C Tj = 125C
Pulse test: * tp = 5 ms, < 2% ** tp = 380 s, < 2%
Parameter
Min.
Typ 0.25 0.43 0.53
Max. 12 2 0.55 0.45 0.65 0.6
Unit A mA
IF = 1A IF = 2A
V
To evaluate the conduction losses use the following equation: P = 0.4 x IF(AV) + 0.10 IF (RMS)
2
Figure 1: Average forward power dissipation versus average forward current
PF(AV)(W)
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2
Figure 2: Average forward current versus ambient temperature ( = 0.5)
IF(AV)(A)
1.2
= 0.05
= 0.1
= 0.2
= 0.5
1.0
SMA Rth(j-a)=100C/W S(CU)=1.5cm2
Rth(j-a)=Rth(j-I)
=1
0.8
0.6
SMB Rth(j-a)=80C/W S(CU)=1.5cm2
0.4
T
0.2
T
IF(AV)(A)
=tp/T
tp
0.0 0
=tp/T
25
tp
50
Tamb(C)
75 100 125 150
Figure 3: Normalized avalanche derating versus pulse duration
PARM(tp) PARM(1s)
1
power
Figure 4: Normalized avalanche derating versus junction temperature
PARM(tp) PARM(25C)
1.2 1
power
0.1
0.8 0.6
0.01
0.4 0.2
0.001 0.01 0.1 1
tp(s)
10 100 1000
Tj(C)
0 25 50 75 100 125 150
2/7
STPS140
Figure 5: Non repetitive surge peak forward current versus overload duration (maximum values) (SMA)
IM(A)
8 7 6 5 4 3 2 1 0 1E-3 1E-2 1E-1 1E+0
IM t
Figure 6: Non repetitive surge peak forward current versus overload duration (maximum values) (SMB)
IM(A)
8 7 6
Ta=25C
5 4
Ta=25C
Ta=50C Ta=50C
3 2 1 0 1E-3 1E-2 1E-1 1E+0
Ta=100C
IM t
Ta=100C
=0.5
t(s)
=0.5
t(s)
Figure 7: Relative variation of thermal impedance junction to ambient versus pulse duration (epoxy printed circuit board, e(Cu)=35m, recommended pad layout) (SMA)
Zth(j-c)/Rth(j-c)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 1E-2 1E-1 1E+0
= 0.2 = 0.1 Single pulse = 0.5
Figure 8: Relative variation of thermal impedance junction to ambient versus pulse duration (epoxy printed circuit board, e(Cu)=35m, recommended pad layout) (SMB)
Zth(j-c)/Rth(j-c)
1.0 0.9 0.8 0.7 0.6 0.5 0.4
= 0.5
T
0.3 0.2
= 0.2 = 0.1 Single pulse
T
tp(s)
=tp/T
1E+1
tp
1E+2
0.1 0.0
tp(s)
1E-1 1E+0 1E+1
=tp/T
1E+2
tp
1E+3
1E-2
Figure 9: Reverse leakage current versus reverse voltage applied (typical values)
IR(A)
1E+3
Tj=125C
Figure 10: Junction capacitance versus reverse voltage applied (typical values)
C(pF)
200
F=1MHz Tj=25C
1E+2
Tj=75C
100
1E+1
50
1E+0
Tj=25C
20
1E-1
VR(V)
1E-2 0 5 10 15 20 25 30 35 40
VR(V)
10 1 2 5 10 20 50
3/7
STPS140
Figure 11: Forward voltage drop versus forward current (maximum values)
Figure 12: Thermal resistance junction to ambient versus copper surface under each lead (Epoxy printed circuit board FR4, copper thickness: 35m) (SMA)
Rth(j-a)(C/W)
140
P=1.5W
IFM(A)
1E+1
Tj=125C
120 100
1E+0
80 60
1E-1
40 20
VFM(V)
1E-2 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0 0 1
S(Cu)(cm)
2 3 4 5
Figure 13: Thermal resistance junction to ambient versus copper surface under each lead (Epoxy printed circuit board FR4, copper thickness: 35m) (SMB)
Rth(j-a)(C/W)
120
P=1.5W
100
80 60 40
20
S(Cu)(cm)
0 0 1 2 3 4 5
4/7
STPS140
Figure 14: SMA Package Mechanical Data DIMENSIONS
E1
REF.
Millimeters Min. Max. 2.03 0.20 1.65 0.41 5.60 4.60 2.95 1.60
Inches Min. 0.075 0.002 0.049 0.006 0.189 0.156 0.089 0.030 Max. 0.080 0.008 0.065 0.016 0.220 0.181 0.116 0.063
D
A1 A2 b
1.90 0.05 1.25 0.15 4.80 3.95 2.25 0.75
E
c
A1
E E1
b
C L
A2
D L
Figure 15: SMA Foot Print Dimensions (in millimeters)
1.65
1.45
2.40
1.45
5/7
STPS140
Figure 16: SMB Package Mechanical Data DIMENSIONS
E1
REF.
Millimeters Min. Max. 2.45 0.20 2.20 0.41 5.60 4.60 3.95 1.60
Inches Min. 0.075 0.002 0.077 0.006 0.201 0.159 0.130 0.030 Max. 0.096 0.008 0.087 0.016 0.220 0.181 0.156 0.063
D
A1 A2 b
1.90 0.05 1.95 0.15 5.10 4.05 3.30 0.75
E
c
A1
E E1
b
C L
A2
D L
Figure 17: SMB Foot Print Dimensions (in millimeters)
2.3
1.52
2.75
1.52
6/7
STPS140
Table 6: Ordering Information Ordering type STPS140A STPS140U

Marking S140 G14
Package SMA SMB
Weight 0.068 g 0.107 g
Base qty 5000 2500
Delivery mode Tape & reel Tape & reel
Band indicates cathode Epoxy meets UL94, V0
Table 7: Revision History Date Jul-2003 Aug-2004 Revision 7 8 Last update. SMA package dimensions update. Reference A1 max. changed from 2.70mm (0.106inc.) to 2.03mm (0.080). Description of Changes
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2004 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of STPS140U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X